Part Number Hot Search : 
KR24D 8T212VS HYS64 216002P IXDI630 003930 20N15 13381
Product Description
Full Text Search
 

To Download AZ1117D-18TRE1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  az1117 document number: ds 36736 rev. 4 - 2 1 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 1a low dropout linear regulator description the az1117 is a series of low dropout three - terminal regulators with a dropout of 1.15v at 1a output current. the az1117 series provides current limiting and thermal shutdown. its circuit includes a trimmed bandgap reference to assure output voltage accuracy to be within 1% for 1.5v, 1.8v, 2.5v, 2.85v, 3.3v, 5.0v and adjustable versions or 2% for 1.2v version. current limit is trimmed to ensure specified output current and controlled short - circuit current. on - chip thermal shutdown provides protection against any combination of overload and ambient temperature that would create excessive junction temperature. the az1117 has an adjustable version, which can provide the output voltage from 1.25v to 1 2v with only 2 external resistors. the az1117 series is available in the industry standard sot223, sot89, to220 - 3, to252 - 2 (3), to252 - 2 (4) , to252 - 2 (5) and to263 power packages. features ? low dropout voltage: 1.15v at 1a output current ? trimmed cur rent limit ? on - chip thermal shutdown ? three - terminal adjustable or fixed 1.2v, 1.5v, 1.8v, 2.5v, 2.85v, 3.3v, 5.0v ? operation junction temperature: - 40 to + 125 o c ? lead - free packages: sot223, sot89, to220 - 3, to252 - 2 (3), to252 - 2 (4) , to252 - 2 (5), to263 ? totally lead - free; rohs compliant (notes 1 & 2) applications ? pc motherboard ? lcd monitor ? graphic card ? dvd - video player ? nic/switch ? telecom equipment ? adsl modem ? printer and other peripheral equipment notes: 1. no purposely added lead. fully eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of halogen - and antimony - free, "green" and lead - free. pin assignments (top v ie w) (top v ie w) (top v ie w) (sot223 / h package) (sot89 option 1 / r package) (sot89 option 2 / r package) vout input output adj / gnd 1 2 3 vout input output adj / gnd 1 2 3 1 2 3 vout input output adj / gnd pb lead-free
az1117 document number: ds 36736 rev. 4 - 2 2 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 pin assignments (cont.) (top view) (top view) (to220 - 3 option 1/ t package) (to220 - 3 option 2/ t package) (top view) (top view) (to220 - 3 option 3/ t package) (to263/ s package) (top view) (top view) (to252 - 2 (3) option 1/ d package) (to252 - 2 (3) option 2/ d package) (top view) (top view) (to252 - 2 (4)/ d package) (to252 - 2 ( 5 )/ d package) input output adj / gnd vout 1 2 3 input output adj / gnd 1 2 3 vout input output adj / gnd vout 1 2 3 input output adj / gnd vout 1 2 3 1 2 3 input output adj / gnd vout 1 2 3 input output adj / gnd vout input output adj / gnd vout 1 2 3 vout 1 2 3 input output adj / gnd
az1117 document number: ds 36736 rev. 4 - 2 3 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 typical applica tions circuit functional block diagram a z 1 1 1 7 - a d j i n p u t o u t p u t a d j v i n r 1 1 5 0 ? r 2 v o u t 5 v a t 1 a v o u t = v r e f * ( 1 + r 2 / r 1 ) + i a d j * r 2 1 0 f v i n = 7 v 1 0 f 1 5 0 ? 2 2 f 2 2 f a z 1 1 1 7 - 5 . 0 i n p u t o u t p u t g n d 3 2 1 3 2 1 + + + +
az1117 document number: ds 36736 rev. 4 - 2 4 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 absolute maximum ratings ( note 3 ) parameter symbol value unit input voltage v in 20 v operating junction temperature t j + 150 oc storage temperature t s - 65 to + 150 oc lead temperature (soldering, 10sec) t lead + 260 oc thermal resistance (no heatsink, note 4 ) ja sot223 120 o c/w sot89 165 to220 - 3 60 to252 - 2 (3) to252 - 2 ( 4 ) to252 - 2 (5) 100 to263 60 esd (human body model) esd 2000 v esd (machine model) esd 250 v note s : 3. stresses greater than those listed under "absolute maximum ratings" may cause permanent damage to the device. these are stres s ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. exposure to "absolute maximum ratings" for extended periods may affect device reliability. 4. absolute maximum ratings indicate limits beyond which damage to the component may occ ur. electrical specifications do not apply when operating the device outside of its operating ratings. the maximum allowable power dissipation is a function of the maximum junction temper ature, t j(max), the junction - to - ambient thermal resistance, ja, and the ambient temperature, t a. the maximum allowable power dissipation at any ambient temperature is calculated using: p d(max) = (t j(max) - t a )/ ja. exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator w ill go into thermal shutdown. recommended operating conditions parameter symbol min max unit input voltage v in C 15 v operating junction temperature range t j - 40 + 125 oc
az1117 document number: ds 36736 rev. 4 - 2 5 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 electrical characteristics az1117 - adj electrical characteristic s (operating conditions: v in 10v, t j = +25 oc , unless otherwise specified.) parameter symbol conditions min typ max unit reference voltage v ref i out = 10ma, v in - v out = 2v 10ma i out 1a, 1.4v v in - v out 8v, p maximum power dissipation 1.238 1.225 1.250 1.250 1.262 1.270 v li ne regulation ? v out i out =10ma, 1.5v v in - v out 10v C 0.035 0.2 % load regulation ? v out v in - v out = 2v, 10ma i out 1a C 0.2 0.4 % dropout voltage v drop ? v ref = 1%, i out = 0.1a C 1.00 1.1 v ? v ref = 1%, i out = 0.5a C 1.08 1.18 v ? v ref = 1%, i out = 1.0a C 1.15 1.25 v current limit i limit v in - v out = 2v 1.25 1.35 C a adjust pin current i adj C C 60 120 a adjust pin current change ? i adj 1.4v v in - v out 10v, 10ma i out 1a C 0.2 5 a minimum load current (adj) i load (min) 1.5v v in - v out 10v (adj only) C 1.7 5 ma quiescent current i q v in = v out + 1.25v C 5 10 ma ripple rejection psrr f = 120hz, c out = 22f tantalum, v in - v out = 3v, i out = 1a 60 75 C db temperature stability C C C 0.5 C % long - term stability C t a = + 125 oc , 1000hrs C 0.3 C % rms output noise (% of v out ) C t a = + 25 oc , 10hz f 10khz C 0.003 C % thermal shutdown C junction temperature C + 150 C oc thermal shutdown hysteresis C C C + 25 C oc thermal resistance jc sot223 C 25 C oc /w sot89 C 30 C to220 - 3 C 10 C to252 - 2 (3)/ to252 - 2 ( 4 )/to252 - 2 (5) C 17 C to263 C 10 C
az1117 document number: ds 36736 rev. 4 - 2 6 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 electrical characteristics (cont.) az1117 - 1.2 electrical characteristics (operating conditions: v in 10v, t j = +25 oc , unless otherwise specified.) parameter symbol conditions min typ max unit output voltage v out i out = 1 0ma, v in = 3.2v 10ma i out 1a, 3.0v v in 10v 1.176 1.152 1.2 1.2 1.224 1.248 v line regulation ? v out i out =10ma, 1.5v v in - v out 10v C 1 6 mv load regulation ? v out v in - v out = 2v, 10ma i out 1a C 1 10 mv dropout voltage v drop ? v out = 1%, i out = 0.1a C 1.00 1.1 v ? v out = 1%, i out = 0.5a C 1.08 1.18 v ? v out = 1%, i out = 1.0a C 1.15 1.25 v current limit i limit v in - v out = 2v 1.25 1.35 C a quiescent current i q v in = v out + 1.25v C 5 10 ma ripple rejection psrr f = 120hz, c out = 22f tantalu m, v in - v out = 3v, i out = 1a 60 75 C db temperature stability C C C 0.5 C % long - term stability C t a = + 125 oc , 1000hrs C 0.3 C % rms output noise (% of v out ) C t a = + 25 oc , 10hz f 10khz 0.003 C % thermal shutdown C junction temperature C + 150 C oc thermal shutdown hysteresis C C C + 25 C oc thermal resistance jc sot223 C 25 C oc /w sot89 C 30 C to220 - 3 C 10 C to252 - 2 (3)/ to252 - 2 ( 4 )/to252 - 2 (5) C 17 C to263 C 10 C
az1117 document number: ds 36736 rev. 4 - 2 7 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 electrical characteristics (cont.) az1117 - 1.5 el ectrical characteristics (operating conditions: v in 10v, t j = +25 oc , unless otherwise specified.) parameter symbol conditions min typ max unit output voltage v out i out = 10ma, v in = 3.5v 10ma i out 1a, 3.0v v in 10v 1.485 1.470 1.5 1.5 1.515 1.53 0 v line regulation ? v out i out =10ma, 1.5v v in - v out 10v C 1 6 mv load regulation ? v out v in - v out = 2v, 10ma i out 1a C 1 10 mv dropout voltage v drop ? v out = 1%, i out = 0.1a C 1.00 1.1 v ? v out = 1%, i out = 0.5a C 1.08 1.18 v ? v out = 1%, i out = 1.0a C 1.15 1.25 v current limit i limit v in - v out = 2v 1.25 1.35 C a quiescent current i q v in = v out + 1.25v C 5 10 ma ripple rejection psrr f = 120hz, c out = 22f tantalum, v in - v out = 3v, i out = 1a 60 75 C db temperature stability C C C 0.5 C % lon g - term stability C t a = + 125 oc , 1000hrs C 0.3 C % rms output noise (% of v out ) C t a = + 25 oc , 10hz f 10khz C 0.003 C % thermal shutdown C junction temperature C + 150 C oc thermal shutdown hysteresis C C C + 25 C oc thermal resistance jc sot223 C 25 C oc /w sot89 C 30 C to220 - 3 C 10 C to252 - 2 (3)/ to252 - 2 ( 4 )/to252 - 2 (5) C 17 C to263 C 10 C
az1117 document number: ds 36736 rev. 4 - 2 8 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 electrical characteristics (cont.) az1117 - 1.8 electrical characteristics (operating conditions: v in 10v, t j = +25 oc , unless otherwise specified.) parameter symbol conditions min typ max unit output voltage v out i out = 10ma, v in = 3.8v 10ma i out 1a, 3.2v v in 10v 1.782 1.746 1.8 1.8 1.818 1.854 v line regulation ? v out i out =10ma, 1.5v v in - v out 10v C 1 6 mv load regulation ? v out v in - v out = 2v, 10ma i out 1a C 1 10 mv dropout voltage v drop ? v out = 1%, i o ut = 0.1a C 1.00 1.1 v ? v out = 1%, i out = 0.5a C 1.08 1.18 v ? v out = 1%, i out = 1.0a C 1.15 1.25 v current limit i limit v in - v out = 2v 1.25 1.35 C a quiescent current i q v in = v out + 1.25v C 5 10 ma ripple rejection psrr f = 120hz, c out = 22f tant alum, v in - v out = 3v, i out = 1a 60 75 C db temperature stability C C C 0.5 C % long - term stability C t a = + 125 oc , 1000hrs C 0.3 C % rms output noise (% of v out ) C t a = + 25 oc , 10hz f 10khz C 0.003 C % thermal shutdown C junction temperature C + 150 C oc thermal shutdown hysteresis C C C + 25 C oc thermal resistance jc sot223 C 25 C oc /w sot89 C 30 C to220 - 3 C 10 C to252 - 2 (3)/ to252 - 2 ( 4 )/to252 - 2 (5) C 17 C to263 C 10 C
az1117 document number: ds 36736 rev. 4 - 2 9 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 electrical characteristics (cont.) az1117 - 2. 5 electrical characteristics (operating conditions: v in 10v, t j = +25 oc , unless otherwise specified.) parameter symbol conditions min typ max unit output voltage v out i out = 10ma, v in = 4.5v 10ma i out 1a, 3.9v v in 10v 2.475 2.450 2.5 2.5 2.525 2.550 v line regulation ? v out i out =10ma, 1.5v v in - v out 10v C 1 6 mv load regulation ? v out v in - v out = 2v, 10ma i out 1a C 1 10 mv dropout voltage v drop ? v out = 1%, i out = 0.1a C 1.00 1.1 v ? v out = 1%, i out = 0.5a C 1.08 1.18 v ? v out = 1%, i out = 1.0a C 1.15 1.25 v current limit i limit v in - v out = 2v 1.25 1.35 C a quiescent current i q v in = v out + 1.25v C 5 10 ma ripple rejection psrr f = 120hz, c out = 22f tantalum, v in - v out = 3v, i out = 1a 60 75 C db temperature stability C C C 0.5 C % long - term stability C t a = + 125 oc , 1000hrs C 0.3 C % rms output noise (% of v out ) C t a = + 25 oc , 10hz f 10khz C 0.003 C % thermal shutdown C junction temperature C + 150 C oc thermal shutdown hysteresis C C C + 25 C oc thermal resistance jc sot223 C 25 C oc /w sot89 C 30 C to220 - 3 C 10 C to252 - 2 (3)/ to252 - 2 ( 4 )/to252 - 2 (5) C 17 C to263 C 10 C
az1117 document number: ds 36736 rev. 4 - 2 10 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 electrical characteristics (cont.) az1117 - 2.85 electrical characteristics (operating conditions: v in 10v, t j = +25 oc , unless otherwise specified.) parameter symbol conditions min typ max unit output voltage v out i out = 10ma, v in = 4.85v 10ma i out 1a, 4.25v v in 10v 2.822 2.793 2.85 2.85 2.878 2.907 v line regulation ? v out i out =10ma, 1.5v v in - v out 10v C 1 6 mv load regulation ? v out v in - v out = 2v, 10ma i out 1a C 1 10 mv dropout voltage v drop ? v ref = 1 %, i out = 0.1a C 1.00 1.1 v ? v ref = 1%, i out = 0.5a C 1.08 1.18 v ? v ref = 1%, i out = 1.0a C 1.15 1.25 v current limit i limit v in - v out = 2v 1.25 1.35 C a quiescent current i q v in = v out + 1.25v C 5 10 ma ripple rejection psrr f = 120hz, c out = 22f tantalum, v in - v out = 3v, i out = 1a 60 75 C db temperature stability C C C 0.5 C % long - term stability C t a = + 125 oc , 1000hrs C 0.3 C % rms output noise (% of v out ) C t a = + 25 oc , 10hz f 10khz C 0.003 C % thermal shutdown C junction temperature C + 150 C oc thermal shutdown hysteresis C C C + 25 C oc thermal resistance jc sot223 C 25 C oc /w sot89 C 30 C to220 - 3 C 10 C to 252 - 2 (3)/ to252 - 2 ( 4 )/to252 - 2 (5) C 17 C to263 C 10 C
az1117 document number: ds 36736 rev. 4 - 2 11 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 electrical characteristics (cont.) az11 17 - 3.3 electrical characteristics (operating conditions: v in 10v, t j = +25 oc , unless otherwise specified.) parameter symbol conditions min typ max unit output voltage v out i out = 10ma, v in = 5.0v 10ma i out 1a, 4.75v v in 10v 3.267 3.235 3.3 3.3 3.333 3.365 v line regulation ? v out i out =10ma, 1.5v v in - v out 10v C 1 6 mv load regulation ? v out v in - v out = 2v, 10ma i out 1a C 1 10 mv dropout voltage v drop ? v out = 1%, i out = 0.1a C 1.00 1.1 v ? v out = 1%, i out = 0.5a C 1.08 1.18 v ? v out = 1%, i out = 1.0a C 1.15 1.25 v current limit i limit v in - v out = 2v 1.25 1.35 C a quiescent current i q v in = v out + 1.25v C 5 10 ma ripple rejection psrr f = 120hz, c out = 22f tantalum, v in - v out = 3v, i out = 1a 60 75 C db temperature stability C C C 0. 5 C % long - term stability C t a = + 125 oc , 1000hrs C 0.3 C % rms output noise (% of v out ) C t a = + 25 oc , 10hz f 10khz C 0.003 C % thermal shutdown C junction temperature C + 150 C oc thermal shutdown hysteresis C C C + 25 C oc thermal resistance jc sot223 C 25 C oc /w sot89 C 30 C to220 - 3 C 10 C to252 - 2 (3)/ to252 - 2 ( 4 )/to252 - 2 (5) C 17 C to263 C 10 C
az1117 document number: ds 36736 rev. 4 - 2 12 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 electrical characteristics (cont.) az1117 - 5.0 electrical characteristics (operating conditions: v in 10v, t j = +25 oc , unless otherwise specified.) parameter symbol conditions min typ max unit output voltage v out i out = 10ma, v in = 7.0v 10ma i out 1a, 6.5v v in 12v 4.950 4.900 5.0 5.0 5.050 5.100 v line regulation ? v out i out =10ma, 1.5v v in - v out 10v C 1 10 mv load regulation ? v out v in - v out = 2v, 10ma i out 1a C 1 15 mv dropout voltage v drop ? v out = 1%, i out = 0.1a C 1.00 1.1 v ? v out = 1%, i out = 0.5a C 1.08 1.18 v ? v out = 1%, i out = 1.0a C 1.15 1.25 v current limit i limit v in - v out = 2v 1.25 1.35 C a quiescent current i q v in = v out + 1.25v C 5 10 ma ripple rejection psrr f = 120hz, c out = 22f tan talum, v in - v out = 3v, i out = 1a 60 75 C db temperature stability C C C 0.5 C % long - term stability C t a = + 125 oc , 1000hrs C 0.3 C % rms output noise (% of v out ) C t a = + 25 oc , 10hz f 10khz C 0.003 C % thermal shutdown C junction temperature C + 150 C oc thermal shutdown hysteresis C C C + 25 C oc thermal resistance jc sot223 C 25 C oc /w sot89 C 30 C to220 - 3 C 10 C to252 - 2 (3)/ to252 - 2 ( 4 )/to252 - 2 (5) C 17 C to263 C 10 C
az1117 document number: ds 36736 rev. 4 - 2 13 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 performance characteristics dropout voltag e vs. output current dropout voltage vs. junction temperature load regulation vs. junction temperature reference voltage vs. junction temperature output voltage vs. junction temperature minimum load current vs. junction temperature 0.2 0.4 0.6 0.8 1.0 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 t a =125 o c t a =25 o c t a =0 o c dropout voltage (v) output current (a) -40 -20 0 20 40 60 80 100 120 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 dropout voltage (v) junction temperature ( o c) i out =0.1a i out =0.5a i out =1a ? v ref =1% -50 -25 0 25 50 75 100 125 -0.2 -0.1 0.0 0.1 0.2 output voltage deviation (%) junction temperature ( o c) az1117-adj -50 -25 0 25 50 75 100 125 1.230 1.235 1.240 1.245 1.250 1.255 1.260 1.265 1.270 1.275 1.280 reference voltage (v) junction temperature ( o c) -50 -25 0 25 50 75 100 125 3.10 3.15 3.20 3.25 3.30 3.35 3.40 az1117-3.3 output voltage (v) junction temperature ( o c) -50 -25 0 25 50 75 100 125 0 1 2 3 4 5 minimum load current (ma) junction temperature ( o c)
az1117 document number: ds 36736 rev. 4 - 2 14 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 20 0 - 20 5.8 5.3 4.8 4.3 3.8 5.8 3.8 2.8 0.4 0.2 0 - 0.2 4.8 performance characteristics (cont.) adjust pin current vs. junction temperature shor t - circuit current vs. junction temperature maximum power dissipation ripple rejection vs. frequency line transient response load transient response (conditions: v in = 4.8 to 5.8v, v out = 3.33v, (conditions: v in = 4.8v, v out = 3.33v, i out = 0.1a, c in = 1f, c out = 10f) i out = 0.1 to 0.5a, c in = c out = 10f) 40 time (20s/div) time ( 10 s/div) ? v out (20mv/div) v i n (0.5v/div) ? v out (1v/div) i out (0.2a /div) 0.1a -40 -20 0 20 40 60 80 100 120 52 54 56 58 60 62 64 66 adjust pin current ( ? a) junction temperature ( o c) -50 -25 0 25 50 75 100 125 1.0 1.2 1.4 1.6 1.8 2.0 short-circuit current (a) junction temperature ( o c) 25 50 75 100 125 0.0 2.5 5.0 7.5 10.0 sot223 power (w) case temperature ( o c) 10 100 1k 10k 100k 20 30 40 50 60 70 ripple rejection (db) frequency (hz)
az1117 document number: ds 36736 rev. 4 - 2 15 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 ordering information package temperature range part number marking id packing sot223 (note 5) - 40 to +125 ? c az1117 h - adjtr e 1 eh11a 4000/ta pe & reel - 40 to +125 ? c az1117 h - 1.2tr e 1 eh18a 4000 / tape & reel - 40 to +125 ? c az1117 h - 1.5tr e 1 eh12a 4000/tape & reel - 40 to +125 ? c az1117 h - 1.8tr e 1 eh13a 4000/tape & reel - 40 to +125 ? c az1117 h - 2.5tr e 1 eh14a 4000/tape & reel - 40 to +125 ? c az1117 h - 2. 85tr e 1 eh15a 4000/tape & reel - 40 to +125 ? c az1117 h - 3.3tr e 1 eh16a 4000/tape & reel - 40 to +125 ? c az1117 h - 5.0tr e 1 eh17a 4000/tape & reel sot89 (note 6) - 40 to +125 ? c az1117 r - adjtr e 1 e17a 1000/tape & reel - 40 to +125 ? c az1117 r - 1.2tr e 1 e17g 1000/tape & reel - 40 to +125 ? c az1117 r - 1.5tr e 1 e17b 1000/tape & reel - 40 to +125 ? c az1117 r - 1.8tr e 1 e17c 1000/tape & reel - 40 to +125 ? c az1117 r - 2.5tr e 1 e17d 1000/tape & reel - 40 to +125 ? c az1117 r - 2.85tr e 1 e17h 1000/tape & reel - 40 to +125 ? c az1117 r - 3.3tr e 1 e 17e 1000/tape & reel - 40 to +125 ? c az1117 r - 5.0tr e 1 e17f 1000/tape & reel to220 - 3 - 40 to +125 ? c az1117t - adje1 az1117t - adje1 50/tube - 40 to +125 ? c az1117t - 1.2e1 az1117t - 1.2e1 50/tube - 40 to +125 ? c az1117t - 1.5e1 az1117t - 1.5e1 50/tube - 40 to +125 ? c az 1117t - 1.8e1 az1117t - 1.8e1 50/tube - 40 to +125 ? c az1117t - 2.5e1 az1117t - 2.5e1 50/tube - 40 to +125 ? c az1117t - 2.85e1 az1117t - 2.85e1 50/tube - 40 to +125 ? c az1117t - 3.3e1 az1117t - 3.3e1 50/tube - 40 to +125 ? c az1117t - 5.0e1 az1117t - 5.0e1 50/tube a z 1 1 1 7 x - x x x x x x p a c k i n g p a c k a g e t r : t a p e & r e e l h : s o t 2 2 3 r : s o t 8 9 p r o d u c t n a m e r o h s d : t o 2 5 2 - 2 ( 3 ) / t o 2 5 2 - 2 ( 4 ) / t o 2 5 2 - 2 ( 5 ) b l a n k : t u b e e 1 : l e a d f r e e o u t p u t v o l t a g e a d j : a d j u s t a b l e o u t p u t 1 . 5 : f i x e d o u t p u t 1 . 5 v 1 . 8 : f i x e d o u t p u t 1 . 8 v 2 . 5 : f i x e d o u t p u t 2 . 5 v 2 . 8 5 : f i x e d o u t p u t 2 . 8 5 v 3 . 3 : f i x e d o u t p u t 3 . 3 v 1 . 2 : f i x e d o u t p u t 1 . 2 v t : t o 2 2 0 - 3 s : t o 2 6 3 5 . 0 : f i x e d o u t p u t 5 . 0 v
az1117 document number: ds 36736 rev. 4 - 2 16 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 orderin g information (cont.) package temperature range part number marking id packing to252 - 2 (3)/(4)/(5) (note 5) - 40 to +125 ? c az1117d - adjtre1 az1117d - adje1 2500/tape & reel - 40 to +125 ? c az1117d - 1.2tre1 az1117d - 1.2e1 2500/tape & reel - 40 to +125 ? c az1117 d - 1.5tre1 az1117d - 1.5e1 2500/tape & reel - 40 to +125 ? c az1117d - 1.8tre1 az1117d - 1.8e1 2500/tape & reel - 40 to +125 ? c az1117d - 2.5tre1 az1117d - 2.5e1 2500/tape & reel - 40 to +125 ? c az1117d - 2.85tre1 az1117d - 2.85e1 2500/tape & reel - 40 to +125 ? c az1117d - 3.3tr e 1 az1117d - 3.3e1 2500/tape & reel - 40 to +125 ? c az1117d - 5.0tre1 az1117d - 5.0e1 2500/tape & reel to263 - 40 to +125 ? c az1117 s - adjtr e 1 az1117 s - adj e 1 800/tape & reel - 40 to +125 ? c az1117s - 1.2tre1 az1117 s - 1.2e1 800/tape & reel - 40 to +125 ? c a z1117 s - 1.5tre1 az1117 s - 1.5e1 800/tape & reel - 40 to +125 ? c az1117s - 1.8tre1 az1117 s - 1.8 e 1 800/tape & reel - 40 to +125 ? c az1117 s - 2.5tr e 1 az1117 s - 2.5 e 1 800/tape & reel - 40 to +125 ? c az1117 s - 2.85tr e 1 az1117 s - 2.85 e 1 800/tape & reel - 40 to +125 ? c az1117 s - 3.3tr e 1 az1117 s - 3.3 e 1 800/tape & reel - 40 to +125 ? c az1117 s - 5.0tre1 az1117 s - 5.0e1 800/tape & reel notes: 5 . not recommended for new design, please use az1117i. 6 . not recommended for new design, please use az1117c.
az1117 document number: ds 36736 rev. 4 - 2 17 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 marking information (1) sot223 series (top view) (2) to252 - 2 series (top view) (3) sot89 (top view) xxxxx ywwaxx xxxxxx d - x.x e 1 ywwaxx xxxx ywwaxx first l ine: logo and marking id ( s ee o rderin g i nformation) second l ine: date cod e y: y ear ww: w ork w eek of m olding a: a ssembly h ouse c ode xx: 7 th and 8 th d igits of batch number first and s econd l ine s : logo and marking id ( s ee o rdering i nformation) third l ine: date cod e y: y ear ww: w or k w eek of m olding a: a ssembly h ouse c ode xx: 7 th and 8 th d igits of batch number first l ine: logo and marking id ( s ee o rdering i nformation) second l ine: date cod e y: y ear ww: w ork w eek of m olding a: a ssembly h ouse c ode xx: 7 th and 8 t h d igits of batch number
az1117 document number: ds 36736 rev. 4 - 2 18 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 marking information (cont.) (4) to220 - 3 (top view) (5) to263 (top view) xxxxx x t - x.x e 1 ywwaxx xxxxx x s - x.x e 1 ywwaxx first and s econd l ine s : logo and marking id ( s ee o rdering i nformation) third l ine: date cod e y: y ear ww: w ork w eek of m olding a: a ssembly h ouse c ode xx: 7 th and 8 th d igits of batch number first and s econd l ine s : logo and marking id ( s ee o rdering i nformation) third l ine: date cod e y: y ear ww: w ork w eek of m olding a: a ssembly h ouse c ode xx: 7 th and 8 th d igits of batch number
az1117 document number: ds 36736 rev. 4 - 2 19 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 package outline dimensions (all dimensions in mm (inch) .) (1) package type: sot223 3 . 3 0 0 ( 0 . 1 3 0 ) 3 . 7 0 0 ( 0 . 1 4 6 ) 6 . 7 0 0 ( 0 . 2 6 4 ) 7 . 3 0 0 ( 0 . 2 8 7 ) 2 . 9 0 0 ( 0 . 1 1 4 ) 3 . 1 0 0 ( 0 . 1 2 2 ) 0 . 6 0 0 ( 0 . 0 2 4 ) 0 . 8 1 0 ( 0 . 0 3 2 ) 2 . 3 0 0 ( 0 . 0 9 1 ) t y p 6 . 3 0 0 ( 0 . 2 4 8 ) 6 . 7 0 0 ( 0 . 2 6 4 ) 1 . 7 5 0 ( 0 . 0 6 9 ) t y p 4 . 5 0 0 ( 0 . 1 7 7 ) 4 . 7 0 0 ( 0 . 1 8 5 ) 0 . 0 1 0 ( 0 . 0 0 0 4 ) 0 . 1 5 0 ( 0 . 0 0 6 ) 1 . 5 2 0 ( 0 . 0 6 0 ) 1 . 8 0 0 ( 0 . 0 7 1 ) 1 . 5 0 0 ( 0 . 0 5 9 ) 1 . 7 0 0 ( 0 . 0 6 7 ) 0 . 2 0 0 ( 0 . 0 0 8 ) 0 . 3 5 0 ( 0 . 0 1 4 ) 0 . 2 5 0 ( 0 . 0 1 0 ) 0 1 0 0 . 8 5 0 ( 0 . 0 3 3 ) m i n
az1117 document number: ds 36736 rev. 4 - 2 20 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 package outline dimensions ( cont. all dimensions in mm (inch) .) (2) package type: sot 89 4 5 1 . 5 5 0 ( 0 . 0 6 1 ) r e f 4 . 4 0 0 ( 0 . 1 7 3 ) 4 . 6 0 0 ( 0 . 1 8 1 ) 0 . 9 0 0 ( 0 . 0 3 5 ) 1 . 2 0 0 ( 0 . 0 4 7 ) 3 . 9 5 0 ( 0 . 1 5 6 ) 4 . 2 5 0 ( 0 . 1 6 7 ) 3 . 0 0 0 ( 0 . 1 1 8 ) t y p 0 . 4 8 0 ( 0 . 0 1 9 ) 2 . 3 0 0 ( 0 . 0 9 1 ) 2 . 6 0 0 ( 0 . 1 0 2 ) 0 . 3 2 0 ( 0 . 0 1 3 ) 0 . 5 4 0 ( 0 . 0 2 1 ) 3 1 0 2 . 0 6 0 ( 0 . 0 8 1 ) r e f 1 . 4 0 0 ( 0 . 0 5 5 ) 1 . 6 0 0 ( 0 . 0 6 3 ) 0 . 3 5 0 ( 0 . 0 1 4 ) 0 . 4 5 0 ( 0 . 0 1 8 ) r 0 . 1 5 0 ( 0 . 0 0 6 ) 3 1 0 1 . 5 0 0 ( 0 . 0 5 9 ) 0 . 3 2 0 ( 0 . 0 1 3 ) r e f 1 . 6 2 0 ( 0 . 0 6 4 ) r e f 2 . 2 1 0 ( 0 . 0 8 7 ) r e f 0 . 3 2 0 ( 0 . 0 1 3 ) 0 . 5 4 0 ( 0 . 0 2 1 ) 1 . 8 0 0 ( 0 . 0 7 1 ) o p t i o n 1 o p t i o n 2 0 . 6 2 0 ( 0 . 0 2 4 ) 1 . 0 3 0 ( 0 . 0 4 1 ) r e f r 0 . 2 0 0 ( 0 . 0 0 8 ) 1 . 6 2 0 ( 0 . 0 6 4 ) 1 . 8 3 0 ( 0 . 0 7 2 ) 2 . 6 3 0 ( 0 . 1 0 4 ) 2 . 9 3 0 ( 0 . 1 1 5 ) o p t i o n 1
az1117 document number: ds 36736 rev. 4 - 2 21 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 package outline dimensions ( cont. all dimensions in mm (inch) .) (3) package type: to252 - 2 (3) 1 . 2 9 0 . 1 2 . 9 0 0 r e f 1 . 4 0 0 ( 0 . 0 5 5 ) 1 . 7 0 0 ( 0 . 0 6 7 ) 0 . 4 7 0 ( 0 . 0 1 9 ) 0 . 6 0 0 ( 0 . 0 2 4 ) 5 9 0 8 9 . 8 0 0 ( 0 . 3 8 6 ) 1 0 . 4 0 0 ( 0 . 4 0 9 ) 2 . 2 0 0 ( 0 . 0 8 7 ) 2 . 3 8 0 ( 0 . 0 9 4 ) 0 . 9 0 0 ( 0 . 0 3 5 ) 1 . 1 0 0 ( 0 . 0 4 3 ) 4 . 7 0 0 r e f 6 . 5 0 0 ( 0 . 2 5 6 ) 6 . 7 0 0 ( 0 . 2 6 4 ) 5 . 1 3 0 ( 0 . 2 0 2 ) 5 . 4 6 0 ( 0 . 2 1 5 ) 0 . 1 5 0 ( 0 . 0 0 6 ) 0 . 7 5 0 ( 0 . 0 3 0 ) 6 . 0 0 0 ( 0 . 2 3 6 ) 6 . 2 0 0 ( 0 . 2 4 4 ) 0 . 7 2 0 ( 0 . 0 2 8 ) 0 . 8 5 0 ( 0 . 0 3 3 ) 2 . 2 8 6 ( 0 . 0 9 0 ) b s c 0 . 7 2 0 ( 0 . 0 2 8 ) 0 . 9 0 0 ( 0 . 0 3 5 ) 0 . 9 0 0 ( 0 . 0 3 5 ) 1 . 2 5 0 ( 0 . 0 4 9 ) 1 . 8 0 0 r e f 8 0 0 . 6 0 0 ( 0 . 0 2 4 ) 1 . 0 0 0 ( 0 . 0 3 9 ) 7 3 9 5 5 . 2 5 0 r e f o p t i o n 1 o p t i o n 2
az1117 document number: ds 36736 rev. 4 - 2 22 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 package outline dimensions ( cont. all dimensions in mm (inch) .) (4) package type: to252 - 2 (4) 5 . 4 6 0 ( 0 . 2 1 5 ) 4 . 9 6 0 ( 0 . 1 9 5 ) 6 . 3 5 0 ( 0 . 2 5 0 ) 6 . 7 3 0 ( 0 . 2 6 5 ) 1 . 2 0 0 . 0 5 1 . 9 0 0 ( 0 . 0 7 5 ) 1 . 7 0 0 ( 0 . 0 6 7 ) 6 . 2 2 0 ( 0 . 2 4 5 ) 5 . 9 7 0 ( 0 . 2 3 5 ) 1 . 2 7 0 ( 0 . 0 5 0 ) 0 . 8 9 0 ( 0 . 0 3 5 ) 1 . 4 9 2 ( 0 . 0 5 9 ) 1 . 1 4 5 ( 0 . 0 4 5 ) 1 . 0 1 0 ( 0 . 0 4 0 ) 1 . 1 2 4 ( 0 . 0 4 4 ) 0 . 7 6 5 ( 0 . 0 3 0 ) 2 . 2 9 0 ( 0 . 0 9 0 ) 0 . 6 4 0 ( 0 . 0 2 5 ) 0 . 8 8 4 ( 0 . 0 3 5 ) m a x b s c 1 0 . 3 4 0 ( 0 . 4 0 7 ) 9 . 9 4 0 ( 0 . 3 9 1 ) 0 . 6 0 0 ( 0 . 0 2 4 ) 0 . 4 6 0 ( 0 . 0 1 8 ) 2 . 3 8 0 ( 0 . 0 9 4 ) 2 . 1 8 0 ( 0 . 0 8 6 ) 4 . 3 2 0 ( 0 . 1 7 0 ) m i n m i n 5 . 2 1 0 ( 0 . 2 0 5 ) 1 5 0 3 3 0 . 7 8 0 ( 0 . 0 3 1 ) 0 . 6 5 0 ( 0 . 0 2 6 ) 0 . 8 8 4 ( 0 . 0 3 5 ) 0 . 6 4 0 ( 0 . 0 2 5 ) 0 . 4 6 0 ( 0 . 0 1 8 ) 0 . 6 1 0 ( 0 . 0 2 4 ) 0 . 4 1 0 ( 0 . 0 1 6 ) 0 . 5 6 0 ( 0 . 0 2 2 ) d e t a i l a 2 . 1 6 0 ( 0 . 0 8 5 ) m i n b a s e m e t a l p l a t i n g s e c t i o n b - b 0 . 0 2 0 ( 0 . 0 0 1 ) 0 . 1 2 0 ( 0 . 0 0 5 ) 2 . 7 4 0 ( 0 . 1 0 8 ) 1 . 5 0 0 ( 0 . 0 5 9 ) r e f 1 . 7 8 0 ( 0 . 0 7 0 ) 0 1 0 s e a t i n g p l a n e g a u g e p l a n e b b
az1117 document number: ds 36736 rev. 4 - 2 23 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 package outline dimensions ( cont. all dimensions in mm (inch) .) (5) package type: to252 - 2 (5) 2 . 1 9 0 ( 0 . 0 8 6 ) 2 . 3 9 0 ( 0 . 0 9 4 ) 0 . 5 0 8 ( 0 . 0 2 0 ) 0 1 0 1 . 4 0 0 ( 0 . 0 5 5 ) 1 . 7 8 0 ( 0 . 0 7 0 ) 2 . 7 4 0 ( 0 . 1 0 8 ) r e f 9 . 4 0 0 ( 0 . 3 7 0 ) 1 0 . 4 0 0 ( 0 . 4 0 9 ) 0 . 0 0 0 ( 0 . 0 0 0 ) 0 . 1 3 0 ( 0 . 0 0 5 ) 6 8 0 . 4 5 0 ( 0 . 0 1 8 ) 0 . 5 8 0 ( 0 . 0 2 3 ) 6 . 0 0 0 ( 0 . 2 3 6 ) 6 . 2 0 0 ( 0 . 2 4 4 ) 5 . 2 1 0 ( 0 . 2 0 5 ) m i n 4 . 3 2 0 ( 0 . 1 7 0 ) m i n 6 . 4 5 0 ( 0 . 2 5 4 ) 6 . 7 0 0 ( 0 . 2 6 4 ) 5 . 2 1 0 ( 0 . 2 0 5 ) 5 . 5 0 0 ( 0 . 2 1 7 ) 0 . 8 8 0 ( 0 . 0 3 5 ) 1 . 2 7 0 ( 0 . 0 5 0 ) 0 . 6 4 0 ( 0 . 0 2 5 ) 1 . 0 2 0 ( 0 . 0 4 0 ) 0 . 7 6 0 ( 0 . 0 3 0 ) 1 . 1 4 0 ( 0 . 0 4 5 ) 2 . 2 8 6 ( 0 . 0 9 0 ) 0 . 6 4 0 ( 0 . 0 2 5 ) 0 . 8 8 0 ( 0 . 0 3 5 )
az1117 document number: ds 36736 rev. 4 - 2 24 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 package outline dimensions ( cont. all dimensions in mm (inch) .) (6) package type: to220 - 3 3 . 5 4 0 ( 0 . 1 3 9 ) 1 4 . 2 2 0 ( 0 . 5 6 0 ) 1 . 1 5 0 ( 0 . 0 4 5 ) 0 . 8 1 3 ( 0 . 0 3 2 ) 2 . 5 4 0 ( 0 . 1 0 0 ) 0 . 3 5 6 ( 0 . 0 1 4 ) 2 . 0 4 0 ( 0 . 0 8 0 ) 3 7 3 . 5 6 0 ( 0 . 1 4 0 ) 7 9 . 6 6 0 ( 0 . 3 8 0 ) 0 . 5 1 0 ( 0 . 0 2 0 ) 0 . 3 8 1 ( 0 . 0 1 5 ) 2 . 5 4 0 ( 0 . 1 0 0 ) 8 . 3 9 0 ( 0 . 3 3 0 ) 1 . 5 0 0 ( 0 . 0 5 9 ) 0 . 2 0 0 ( 0 . 0 0 8 ) 2 . 5 4 0 ( 0 . 1 0 0 ) 0 . 6 1 0 ( 0 . 0 2 4 ) 3 . 4 2 0 ( 0 . 1 3 5 ) 1 0 . 6 6 0 ( 0 . 4 2 0 ) 4 . 0 8 0 ( 0 . 1 6 1 ) 1 . 3 9 0 ( 0 . 0 5 5 ) 2 7 . 8 8 0 ( 1 . 0 9 8 ) 3 0 . 2 8 0 ( 1 . 1 9 2 ) 9 . 5 2 0 ( 0 . 3 7 5 ) 1 6 . 5 1 0 ( 0 . 6 5 0 ) 4 . 8 2 0 ( 0 . 1 9 0 ) 2 . 9 2 0 ( 0 . 1 1 5 ) 1 . 7 7 0 ( 0 . 0 7 0 ) o p t i o n 1 o p t i o n 2 o p t i o n 3
az1117 document number: ds 36736 rev. 4 - 2 25 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 package outline dimensions ( cont. all dimensions in mm (inch) .) (7) p ackage type: to263 7 3 7 9 . 6 5 0 ( 0 . 3 8 0 ) 0 . 9 9 0 ( 0 . 0 3 9 ) 0 . 5 1 0 ( 0 . 0 2 0 ) 2 . 5 4 0 ( 0 . 1 0 0 ) 1 . 1 5 0 ( 0 . 0 4 5 ) 9 . 6 5 0 ( 0 . 3 8 0 ) 3 1 4 . 7 6 0 ( 0 . 5 8 1 ) 8 . 8 4 0 ( 0 . 3 4 8 ) 2 . 6 4 0 ( 0 . 1 0 4 ) 0 . 0 0 0 ( 0 . 0 0 0 ) 8 2 0 6 2 . 2 0 0 ( 0 . 0 8 7 ) 7 0 4 . 0 7 0 ( 0 . 1 6 0 ) 4 . 8 2 0 ( 0 . 1 9 0 ) 1 . 1 5 0 ( 0 . 0 4 5 ) 2 . 5 4 0 ( 0 . 1 0 0 ) 1 . 2 7 0 ( 0 . 0 5 0 ) 1 5 . 7 4 0 ( 0 . 6 2 0 ) 0 . 2 5 0 ( 0 . 0 1 0 ) 2 . 7 0 0 ( 0 . 1 0 6 ) 5 . 6 0 0 ( 0 . 2 2 0 ) 7 . 4 2 0 ( 0 . 2 9 2 ) 7 . 9 8 0 ( 0 . 3 1 4 ) 2 . 5 4 0 ( 0 . 1 0 0 ) 2 . 5 4 0 ( 0 . 1 0 0 ) 1 0 . 6 6 0 ( 0 . 4 2 0 ) 1 . 6 7 0 ( 0 . 0 6 6 ) 1 . 6 5 0 ( 0 . 0 6 5 ) 1 . 7 7 0 ( 0 . 0 7 0 ) 0 . 3 5 6 ( 0 . 0 1 4 ) 0 . 7 3 0 ( 0 . 0 2 9 ) 8 . 3 9 0 ( 0 . 3 3 0 ) 1 . 7 8 0 ( 0 . 0 7 0 ) 2 . 7 9 0 ( 0 . 1 1 0 ) o p t i o n 1 6 . 2 3 0 ( 0 . 2 4 5 ) m i n 6 . 5 5 0 ( 0 . 2 5 8 ) m i n o p t i o n 2
az1117 document number: ds 36736 rev. 4 - 2 26 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 suggested pad layout (1) package type: sot 223 dimensions z (mm)/(inch) g (mm)/(inch) x1 (mm)/(inch) x2 (mm)/(inch) y ( mm)/(inch) e1 (mm)/(inch) e2 (mm)/(inch) value 8.400/0.331 4.000/0.157 1.200/0.047 3.500/0.138 2.200/0.087 2.300/0.091 4.600/0.181 x 2 y x 1 y g e 1 e 2 z g r i d p l a c e m e n t c o u r t y a r d
az1117 document number: ds 36736 rev. 4 - 2 27 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 suggested pad layout (cont.) (2) package type: sot89 dimensions z (mm)/(in ch) x (mm)/(inch) x1 (mm)/(inch) x2 (mm)/(inch) y (mm)/(inch) y1 (mm)/(inch) e (mm)/(inch) value 4.600/0.181 0.550/0.022 1.850/0.073 0.800/0.031 1.300/0.051 1.475/0.058 1.500/0.059 x 1 x 2 y 1 e x y z
az1117 document number: ds 36736 rev. 4 - 2 28 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 suggested pad layout (cont.) (3) package type: to252 - 2 (3) dimensions z (mm)/(inch) x1 (mm)/(inch) x2=y2 (mm)/(inch) y1 (mm)/(inch) g (mm)/(inch) e1 (mm)/(inch) value 11.600/0.457 1.500/0.059 7.000/0.276 2.500/0.098 2.100/0.083 2.300/0.091 e 1 x 1 y 2 y 1 z x 2 g
az1117 document number: ds 36736 rev. 4 - 2 29 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 suggested pad layout (c ont.) (4) package type: to252 - 2 (4) dimensions z (mm)/(inch) x1 (mm)/(inch) x2=y2 (mm)/(inch) y1 (mm)/(inch) g (mm)/(inch) e1 (mm)/(inch) value 11.600/0.457 1.500/0.059 7.000/0.276 2.500/0.098 2.100/0.083 2.300/0.091 e 1 x 1 y 2 y 1 z x 2 g
az1117 document number: ds 36736 rev. 4 - 2 30 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 suggested pad layout (cont.) (5) package type: to252 - 2 (5) dimensions z (mm)/(inch) x1 (mm)/(inch) x2=y2 (mm)/(inch) y1 (mm)/(inch) g (mm)/(inch) e1 (mm)/(inch) value 11.600/0.457 1.500/0.059 7.000/0.276 2.500/0.098 2.100/0.083 2.300/0.091 e 1 x 1 y 2 y 1 z x 2 g
az1117 document number: ds 36736 rev. 4 - 2 31 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 suggested pad layout (cont.) (6) package type: to263 dimensions z (mm)/(inch) x1 (mm)/(inch) x2 (mm)/(inch) x3 (mm)/(inch) value 16.760/0.660 1.200/0.047 8.540/0.336 10.540/0.41 5 dimensions y1 (mm)/(inch) y2 (mm)/(inch) y3 (mm)/(inch) e (mm)/(inch) value 3.830/0.151 8.560/0.337 3.000/0.118 2.540/0.100 y 3 y 2 x 2 z x 3 x 1 e y 1
az1117 document number: ds 36736 rev. 4 - 2 32 of 32 www.diodes.com may 2016 ? diodes incorporated az1117 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to mak e modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. diodes incorporated does not assume any liability a rising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such appli cations shall assume all risk s of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incor porated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respec t of any products purchased through unauthorized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall indemnify and hold diodes incorporated and its representatives har mless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. products described herein may be covered by one or mo re united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into mult iple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical components in li fe support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in t he labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any compon ent in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related requirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorpora ted and its repr esentatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 201 6 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of AZ1117D-18TRE1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X